PART |
Description |
Maker |
GP2S40 |
Long Focal Distance, Subminiature Photointerrupter
|
http:// Sharp Electrionic Components Sharp Corporation
|
IS471F |
OPIC Light Detector with Built-in Signal Processing Circuit for Light Modulation System
|
SHARP[Sharp Electrionic Components]
|
S6986 |
Light modulation photo IC
|
Hamamatsu Corporation
|
GP2A200LCS |
Light Modulation, Reflective Type Photointerrupter
|
Sharp Electrionic Components
|
PS122TL8-A |
exterior light endure by phase-modulation
|
KODENSHI KOREA CORP.
|
GP2A25 |
Light Modulation, Reflection Type Photointerrupter
|
Sharp Electrionic Components
|
OEMCA0I18KP-XXXME1E1E M5XME1E1E OEMCA0I18KP-XXXME1 |
Green light source, fast response Long life, easy installation 24V 18x1W Power LED Bar
|
OptoSupply International OptoSupply Internationa...
|
OEMC57I12KP-XXXME1E1E M5XME1E1E Y5XME1E1E OEMC57I1 |
Green light source, fast response Long life, easy installation 24V 12x1W Power LED Bar
|
OptoSupply International OptoSupply Internationa...
|
HLMP-2500 HLCP-A100 HLCP-B100 HLCP-C100 HLCP-D100 |
HLMP-2300 · LED Light Bars HLCP-H100 · LED Light Bars HLCP-G100 · LED Light Bars HLCP-A100 · LED Light Bars HLCP-F100 · LED Light Bars HLMP-2685-EF000 · LED Light Bars HLCP-E100 · LED Light Bars HLCP-D100 · LED Light Bars HLCP-C100 · LED Light Bars HLCP-B100 · LED Light Bars HLMP-2950 · LED Light Bars HLMP-2965 · LED Light Bars HLMP-2635 · LED Light Bars HLMP-2600 · LED Light Bars HLMP-2620 · LED Light Bars HLMP-2720 · LED Light Bars HLMP-2820 · LED Light Bars HLMP-2700 · LED Light Bars HLMP-2735 · LED Light Bars HLMP-2885-FG000 · LED Light Bars HLMP-2855-FG000 · LED Light Bars HLMP-2835 · LED Light Bars HLMP-2720-EF000 · LED Light Bars HLMP-2620-EF000 · LED Light Bars HLCP-H100-BC000 · LED Light Bars HLCP-E100-BC000 · LED Light Bars HLCP-D100-BC000 · LED Light Bars HLCP-C100-BC000 · LED Light Bars HLCP-A100-BC000 · LED Light Bars HLMP-2870-FG000 · LED Light Bars HLCP-B100-BC000 · LED Light Bars HLMP-2550-FG000 · LED Light Bars HLMP-2820-FG000 · LED Light Bars HLMP-2755-EF000 · LED Light Bars HLMP-2655-EF000 · LED Light Bars HLMP-2500-FG000 · LED Light Bars HLMP-2700-EF000 · LED Light Bars HLMP-2600-EF000 · LED Light Bars HLMP-2400-EF000 · LED Light Bars HLMP-2300-EF000 · LED Light Bars HLMP-2450-EF000 · LED Light Bars HLMP-2350-EF000 · LED Light Bars 350-MHz Low-Noise Voltage-Feedback Amplifier, Dual 8-MSOP-PowerPAD -40 to 85 100-MHz Low Noise Voltage-Feedback Amplifier 8-SOIC 0 to 70 LED Light Bars LED灯酒
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Fairchild Semiconductor, Corp.
|
CAS-1400 |
2-Megapixel (1600 x 1200) high-definition resolution 2.8 ~ 12 mm adjustable Vari-focal length for wide angle surveillance
|
Level One
|
MAX6452 MAX6446 MAX6448 MAX6443-MAX6452 MAX6444USL |
4.625 V, mP reset circuit with long manual reset setup period 2.925 V, mP reset circuit with long manual reset setup period 2.313 V, mP reset circuit with long manual reset setup period µP Reset Circuits with Long Manual Reset Setup Period レP Reset Circuits with Long Manual Reset Setup Period From old datasheet system ?P Reset Circuits with Long Manual Reset Setup Period μP Reset Circuits with Long Manual Reset Setup Period 1.575 V, mP reset circuit with long manual reset setup period 2.625 V, mP reset circuit with long manual reset setup period
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|